Part Number Hot Search : 
EE08761 T1200 TL4940 C4722 MM74C85N SI1471DH 1N4592 MMBD914G
Product Description
Full Text Search
 

To Download 201R15C300KV4Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10 www.johansontechnology.com d ielectric c haracteristics 0.8 1.0 10.0 1 10 100 200 frequency (ghz) capacitance (pf) r07/0402 r14/0603 r15/0805 typical series resonant frequency temperature coefficient: 0 30ppm /c, -55 to 125c quality factor: 2,500 min.,10,000 typical insulation resistance: >1,000 g @ 25c,wvdc; 125c ir is 10% of 25c rating. dielectric strength: 2.5 x wvdc min., 25c, 50 ma max test parameters: 1mhz 50khz, 1.00.2 vrms, 25c available capacitance: size 0402: 0.2 - 15 pf size 0603: 0.2 - 47 pf size 0805: 0.2 - 150 pf size 1210: 0.5 - 1000 pf 10 www.johansontechnology.com c-s eries h igh f requency c hip c apacitors k ey f eatures  high-q / low esr  self resonant frequencies to 23.0 ghz  lead-free terminations  free mlcsoft? for spice & s-parameter modeling data a pplications  cellular products  wireless lan  cable components  rf integrated circuits  rf transceivers  custom applications dielectric rf performance s series best c series better l series good npo ? l w e/b t h ow to o rder part number written: 201r15c101jv4e marking 4 = unmarked 6 = eia ?j? code* *for sizes 0805 tape modifier code type reel sizes 0402 & 0603: t paper 7? y paper 5? size 0805 & 1210: e embossed 7? z embossed 5? tape specifications conform to eia rs481 e 4 termination v = ni/sn v dielectric c = high-q npo c case size see chart r15 voltage 250 = 25 v 500 = 50 v 101 = 100 v 201 = 200 v 301 = 300 v 501 = 500 v 201 capacitance 1st two digits are significant; third digit denotes number of zeros, r = decimal. 1r0 = 1.0 pf 101 = 100 pf 101 tolerance ** a = 0.05 pf * b = 0.10 pf * c = 0.25 pf f = 1 % g = 2% j = 5% k = 10% * values < 10 pf ** values < 2.0 pf j
11 www.johansontechnology.com this selection chart represents basic c/v capability in this series. please contact the factory for capacitance, voltage, case size combinations not shown. a vailable c apacitance s election r15 / 0805 (2012) length width thickness end band inches .080 .008 .050 .008 .040 .006 .020 .010 (mm) (2.03 0.20) (1.27 0.20) (1.02 0.15) (0.50 .25) 0.5 pf 0.6 pf 0.7 pf 0.8 pf 0.9 pf 1.0 pf 1.3 pf 1.5 pf 2.0 pf 2.4 pf 3.0 pf 3.6 pf 4.3 pf 5.1 pf 6.2 pf 7.5 pf 9.1 pf 10 pf 12 pf 15 pf 18 pf 22 pf 27 pf 33 pf 39 pf 47 pf 56 pf 68 pf 82 pf 100 pf 1.1 pf 1.2 pf 1.8 pf 2.2 pf 2.7 pf 3.3 pf 3.9 pf 4.7 pf 5.6 pf 6.8 pf 8.2 pf 11 pf 13 pf 16 pf 20 pf 24 pf 30 pf 36 pf 43 pf 200 vdc 100 vdc 120 pf 150 pf s41 / 1210 (3224) length width thickness end band inches .125 .010 .095 .010 .060 max .020 .010 (mm) (3.18 0.25) (2.41 0.25) (1.52 max) (0.50 .25) 0.5 pf 0.6 pf 0.7 pf 0.8 pf 0.9 pf 1.0 pf 1.3 pf 1.5 pf 2.0 pf 2.4 pf 3.0 pf 3.6 pf 4.3 pf 5.1 pf 6.2 pf 7.5 pf 9.1 pf 10 pf 12 pf 15 pf 18 pf 22 pf 27 pf 33 pf 39 pf 47 pf 56 pf 68 pf 82 pf 100 pf 1.1 pf 1.2 pf 1.8 pf 2.2 pf 2.7 pf 3.3 pf 3.9 pf 4.7 pf 5.6 pf 6.8 pf 8.2 pf 20 pf 500 vdc 300 v 300 v 200 v 200 v 200 v 100 v 100 v 100 v 100 v 50 v 120 pf 150 pf 180 pf 220 pf 270 pf 330 pf 390 pf 470 pf 560 pf 1000 pf r07 / 0402 (1005) length width thickness end band inches .040 .004 .020 .004 .020 .004 .010 .006 (mm) (1.02 0.1) (0.51 0.1) (0.51 0.1) (0.25 .15) 0.2 pf 0.3 pf 0.4 pf 0.5 pf 0.6 pf 0.7 pf 0.8 pf 0.9 pf 1.0 pf 1.3 pf 1.5 pf 2.0 pf 2.4 pf 3.0 pf 3.6 pf 4.3 pf 5.1 pf 6.2 pf 7.5 pf 9.1 pf 10 pf 12 pf 15 pf 18 pf 22 pf 27 pf 33 pf 39 pf 47 pf 56 pf 68 pf 82 pf 100 pf 1.1 pf 1.2 pf 1.8 pf 2.2 pf 2.7 pf 3.3 pf 3.9 pf 4.7 pf 5.6 pf 6.8 pf 8.2 pf 11 pf 13 pf 16 pf 20 pf 24 pf 30 pf 36 pf 43 pf 25 vdc r14 / 0603 (1608) length width thickness end band inches .062 .006 .032 .006 .030 +.005 -.003 .014 .006 (mm) (1.57 0.15) (0.81 0.15) (0.76 +.13-.08) (0.35 .15) 0.2 pf 0.3 pf 0.4 pf 0.5 pf 0.6 pf 0.7 pf 0.8 pf 0.9 pf 1.0 pf 1.3 pf 1.5 pf 2.0 pf 2.4 pf 3.0 pf 3.6 pf 4.3 pf 5.1 pf 6.2 pf 7.5 pf 9.1 pf 10 pf 12 pf 15 pf 18 pf 22 pf 27 pf 33 pf 39 pf 47 pf 56 pf 68 pf 82 pf 100 pf 1.1 pf 1.2 pf 1.8 pf 2.2 pf 2.7 pf 3.3 pf 3.9 pf 4.7 pf 5.6 pf 6.8 pf 8.2 pf 11 pf 13 pf 16 pf 20 pf 24 pf 30 pf 36 pf 43 pf 200 vdc 100 vdc m echanical & e nvironmental c haracteristics jti c-series ceramic capacitors conform to the environmental characteristics of the s-series listed on page 7 of the jti catalo g.
12 www.johansontechnology.com 12 www.johansontechnology.com rf c haracteristics versus f requency measurements performed on a boonton 34a resonant coaxial line and represent typical capacitor performance. b b b b b b j j j j j j h h h h h h f f f f f f b b b b b b 0.01 0.1 1 0 500 1000 1500 2000 2500 esr (ohms) frequency (mhz) b '1.0 pf j '3.3 pf h '5.6 pf f '6.8 pf b '10 pf '15 pf b b b b b b j j j j j j h h h h h h f f f f f f b b b b b b 0.01 0.1 1 0 500 1000 1500 2000 2500 esr (ohms) frequency (mhz) b '1.0 pf j '4.7 pf h '10 pf f '22 pf b '47 pf b b b b b j j j j j j h h h h h h f f f f f f b b b b b 0.01 0.1 1 0 500 1000 1500 2000 2500 esr (ohms) frequency (mhz) b '1.0 pf j '2.0 pf h '12 pf f '47 pf b 130 pf equivalent series resistance: 0402/r07c equivalent series resistance: 0603/r14c equivalent series resistance: 0805/r15c b b b b b b j j j j j j h h h h h h f f f f f f 1 10 100 1000 10000 0 500 1000 1500 2000 2500 q frequency (mhz) b '1.0 pf j '3.3 pf h '5.6 pf f '6.8 pf '10 pf '15 pf b b b b b b j j j j j j h h h h h h f f f f 1 10 100 1000 10000 0 500 1000 1500 2000 2500 q frequency (mhz) b '1.0 pf j '4.7 pf h '10 pf f '22 pf '47 pf b b b b b j j j j j j h h h h h h f f f b b 1 10 100 1000 10000 0 500 1000 1500 2000 2500 q frequency (mhz) b '1.0 pf j '2.0 pf h '12 pf f '47 pf b 130 pf q factor: 0402/r07c q factor: 0603/r14c q factor: 0805/r15c b b b b b b j j j j j j h h h h h h f f f f f f b b b b b b 1 1 1 1 1 1 0.01 0.1 1 0 500 1000 1500 2000 2500 esr (ohms) frequency (mhz) b 0.5 pf j '2.2 pf h '3.3 pf f '10 pf b 56 pf 1 100 pf equivalent series resistance: 1210/s41c f f f f f f h h h h h h j j j j j j p p p p p p b b b 1 1 1 10 100 1000 10000 0 500 1000 1500 2000 2500 q frequency (mhz) f 0.5 pf h '2.2 pf j '3.3 pf p '10 pf b 56 pf 1 100 pf q factor: 1210/s41c
13 www.johansontechnology.com rf c haracteristics versus c apacitance measurements performed on a boonton 34a resonant coaxial line and represent typical capacitor performance. b b b b b b j j j j j j h h h h h h 0.01 0.1 1 11020 esr (ohms) capacitance (pf) b 150-250 mhz j 900-1000 mhz h 1900-2000 mhz b b b b b b b b b b j j j j j j j j j j h h h h h h h h h h 0.01 0.1 1 11050 esr (ohms) capacitance (pf) b 150-250 mhz j 900-1000 mhz h 1900-2000 mhz b b b b b b b b b j j j j j j j j j h h h h h h h h h 0.01 0.1 1 1 10 100 200 esr (ohms) capacitance (pf) b 150-250 mhz j 900-1000 mhz h 1900-2000 mhz equivalent series resistance: 0402/r07c equivalent series resistance: 0603/r14c equivalent series resistance: 0805/r15c b b b b b b 10 100 1000 10000 11020 q capacitance (pf) b 150-250 mhz 900-1000 mhz 1900-2000 mhz b b b b b b b b b b 1 10 100 1000 10000 11050 q capacitance (pf) b 150-250 mhz 900-1000 mhz 1900-2000 mhz b b b b b b b b b b 1 10 100 1000 10000 1 10 100 20 0 q capacitance (pf) b 150-250 mhz 900-1000 mhz 1900-2000 mhz q factor: 0402/r07c q factor: 0603/r14c q factor: 0805/r15c b b b b b b b b b b b j j j j j j j j j j h h h h h h h h 0.01 0.1 1 1 10 100 1000 esr (ohms) capacitance (pf) b 150-250 mhz j 900-1000 mhz h 1900-2000 mhz equivalent series resistance: 1210/s41c b b b b b b b b b b b 1 10 100 1000 10000 1 10 100 100 q capacitance (pf) b 150-250 mhz 900-1000 mhz 1900-2000 mhz q factor: 1210/s41c


▲Up To Search▲   

 
Price & Availability of 201R15C300KV4Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X